PART |
Description |
Maker |
FMMT2907R FMMT2907A FMMT2907AR FMMT2907 MT2907AR |
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC Zetex Semiconductor PLC ETC Zetex Semiconductors DIODES INC
|
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SA970GR BCX79-10 2SA984F 2SA1266 2SA1266O |
100 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
2N2907AC3 2N2907AC3B-JQRS.GRPC 2N2907AC3A.GRPB 2N2 |
SILICON PLANAR EPITAXIAL PNP TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, MO-041BA HERMETIC SEALED PACKAGE-4
|
Seme LAB TT electronics Semelab, Ltd. SEMELAB LTD
|
2N2907A |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
MOTOROLA INC
|
CMST2907A |
SUPER-MINI PNP SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
MMBT5401-C-AE3-R |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2N5401A |
600 mA, 150 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
MICRO COMMERCIAL COMPONENTS
|
BC857BT-7 BC857AT BC857AT-7 BC857CT BC857CT-7 BC85 |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR Wideband Video Quad SPST
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
|